Part Number Hot Search : 
30BF20TR NTE1224 IRF7205 MP4513 MT8815 E1504AD S505TXR TC74H
Product Description
Full Text Search
 

To Download ISL6112INZA-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6112
Data Sheet September 28, 2007 FN6456.0
Dual Slot PCI-Express Power Controller
The ISL6112 targets the PCI-Express add-in card hot plug application. Together with two each of N-Channel and P-Channel MOSFETs, four current sense resistors and several external passive components the ISL6112 provides a compliant hot plug power control solution to any combination of two PCI-Express X1, X4, X8 or X16 slots. The ISL6112 features the ability to program a maximum current regulated level for each of the MAIN outputs for a common programmable duration so that both fault isolation protection and imperviousness to electrical transients (OC and soft-start protection) are provided to each system supply. For each 12VMAIN supply, the current regulated (CR) level is set by a resistor value dependant on the size of the PCI-Express connector (X1, X4/X8 or X16) to be powered. This resistor is a sub ohm standard value current sense resistor one each for each of the 3VMAIN and 12VMAIN supplies. The voltage across this resistor is compared to a 50mV reference providing a nominal CR protection level which would be set above the maximum specified slot limits. The 3.3V supply can use a 15m sense resistor compared to a 50mV reference to provide a nominal regulated current limit of 3.3A to all connector sizes. A shutdown without a CR duration delay is invoked if RSENSE voltage is >100mV. The VAUX is internally monitored and controlled to provide nominal limiting to 1A of load current. The ISL6112 is System Management Interface (SMI) capable with an integrated SMBus link for communication, control, monitoring and reporting of IC and slot conditions. Information such as UV, OC, STATUS, power level etc. are available. Additionally the IC has a minimum of I/O for implementations where Hot-Plug Hardware Interface (HPI) is implemented.
Features
* Supports Two Independent PCI Express Slots * Highest Available Accuracy External RSENSE Current Monitoring on Main Supplies * Programmable Current Regulation Protection Function for X1, X4, X8, X16 Connectors * 12V, 3.3V, and 3.3VAUX Supplies Supported per PCI Express Specification V1.0A * Voltage Tolerant I/O SMBus Interface for Slot Power Control and Status, compatible with SMBus 2.0 Systems * Programmable Current Regulation Duration * Programmable In-rush Current Limiting * Dual Level Fault Detection for Quick Fault Response without Nuisance Tripping * Slot to Slot Electrical and Thermal Isolation * Two General Purpose Input Pins Suitable for Interface to Logic and Switches. * TQFP or QFN Pb-Free Package Options - TQFP is pin for pin equivalent to MIC2592B-2YTQ and is compatible with the TPS2363 pinout - The QFN package is 40% smaller and has lower die to case thermal impedance than the TQFP * Pb-Free (RoHS Compliant)
Applications
* PCI Express V1.0A hot-plug power control * PCI-Express Servers * Power Supply Distribution and Control
Ordering Information
PART NUMBER (Note) ISL6112IRZA ISL6112IRZA-T* ISL6112INZA ISL6112INZA-T* ISL6112EVAL1Z PART MARKING ISL6112 IRZ ISL6112 IRZ ISL6112 INZ ISL6112 INZ Evaluation Platform TEMP RANGE (C) -40 to +85 -40 to +85 -40 to +85 -40 to +85 48 Ld 7x7 QFN 48 Ld 7x7 QFN Tape and Reel 48 Ld 7x7 TQFP 48 Ld 7x7 TQFP Tape and Reel PACKAGE (Pb-Free) PKG. DWG. # L48.7x7 L48.7x7 Q48.7x7 Q48.7x7
*Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6112 Functional Block Diagram (1 Channel)
ON AUXEN POWER-ON RESET 250s VSTBY UVLO VAUX CHARGE PUMP AND MOSFET 12VSENSE 12VIN 3VSENSE 3VIN 50mV ON/OFF 100mV* ON/OFF 100mV* 3V UVLO ON/ OFF LOGIC CIRCUITS 12VPWRGD 12VOUT CFILTER 1.25V DIGITAL CORE/SERIAL INTERFACE 2.8V VSTBY INT 40k x 3 FORCE_ON GPI SCL SDA BOTH A AND B SLOTS SHARE THE SCL, SDA, A0, A1, A2, INT PINS. A2 A1 A0 GND 3VPWRGD 3VOUT 10.5V FAULT VAUX PWRGD THERMAL SHUTDOWN ON/OFF 50mV 12V UVLO ON/OFF VAUX OVERCURRENT 3VIN 3VGATE 12V BIAS VSTBY 12VIN 12VGATE VAUX
PWRGD
VSTBY IREF
2
FN6456.0 September 28, 2007
ISL6112 Pinouts
ISL6112 (48 LD 7X7 TQFP) TOP VIEW
AUXENA AUXENB GPI_B0
GND
ONA
SDA
ONB
SCL
48 47 46 45 44 43 42 41 40 39 38 37 FAULTA CFILTERA 12VGATEA GPI_A0 12VINA PWRGDA NC 12VSENSEA FORCE_ONA 12VOUTA VSTBYA 3VINA 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 3VSENSEA 3VSENSEB GND NC NC NC 3VGATEA 3VOUTB 3VGATEB 3VOUTA VAUXA VAUXB 36 35 34 33 32 31 30 29 28 27 26 25 FAULTB CFILTERB 12VGATEB GND 12VINB PWRGDB NC 12VSENSEB FORCE_ONB 12VOUTB VSTBYB 3VINB
ISL6112 (48 LD 7X7 QFN) TOP VIEW
AUXENA AUXENB GPI_B0 GND ONA SDA ONB
SCL
INT INT 36 35 34 33 32
A0
A1
A0
A1
A2
48 47 46 45 44 43 42 41 40 39 38 37 FAULTA CFILTERA 12VGATEA GPI_A0 12VINA PWRGDA NC 12VSENSEA FORCE_ONA 1 2 3 4 5 6 7 8 9 GND (EXPOSED BOTTOM PAD) FAULTB CFILTERB 12VGATEB GND 12VINB PWRGDB NC 12VSENSEB FORCE_ONB 12VOUTB VSTBYB 3VINB
A2
31 30 29 28 27 26 25
12VOUTA 10 VSTBYA 11 3VINA 12 13 14 15 16 17 18 19 20 21 22 23 24 3VSENSEA 3VOUTB GND NC NC 3VSENSEB 3VGATEA 3VOUTA NC 3VGATEB VAUXA VAUXB
3
FN6456.0 September 28, 2007
ISL6112 Pin Descriptions (Pin Numbers and Names are Related)
PIN NUMBER 5, 32 PIN NAME 12VINA, 12VINB PIN FUNCTION Provides 12VMAIN power supply and the high side of the sense resistor inputs. This must be a Kelvin connection between IC and sense resistor. An undervoltage lockout circuit (UVLO) prevents the switches from turning on while this input is less than its lockout threshold. Provides 3.3VMAIN power supply and the high side of the sense resistor inputs. This must be a Kelvin connection between IC and sense resistor. An undervoltage lockout circuit (UVLO) prevents the switches from turning on while this input is less than its lockout threshold.
12, 25
3VINA, 3VINB
16, 21 10, 27 8, 29
3VOUTA, 3VOUTB 3.3VOUT. Connected to 3.3V FET source. These are used to monitor the 3.3V output voltages for Power Good status. 12VOUTA, 12VOUTB 12VSENSEA, 12VSENSEB 12VOUT. Connected to 12V FET drain. These are used to monitor the 3.3V output voltages for Power Good status. 12VMAIN low side of sense resistor connection. When either current limit threshold of the load current across the sense resistor = 50mV is reached, the related 12VGATE pin is modulated to maintain a constant voltage across the sense resistor and thus a constant current into the load. If the 50mV threshold is exceeded for tFLT, the isolation protection is tripped and the GATE pin for the affected supply's external MOSFET is immediately pulled high. This must be a Kelvin connection between IC and sense resistor. 3.3VMAIN low side of sense resistor connection. When either current limit threshold of the load current across the sense resistor = 50mV is reached, the related 3V GATE pin is modulated to maintain a constant voltage across the sense resistor and thus a constant current into the load. If the 50mV threshold is exceeded for tFLT, the isolation protection is tripped and the GATE pin for the affected supply's external MOSFET is immediately pulled low. This must be a Kelvin connection between IC and sense resistor. 12V Gate Drive Outputs: Each pin connects to the gate of an external P-Channel MOSFET. During power-up, the CGATE and the CGS of the MOSFETs are connected to a 25A current sink. This controls the value of dv/dt seen at the source of the MOSFETs. During current limit events, the voltage at this pin is adjusted to maintain constant current through the switch for a period of tFLT. Whenever an overcurrent, thermal shutdown, or input undervoltage fault condition occurs, the GATE pin for the affected slot is immediately brought high. These pins are charged by an internal current source during power-down. 3V Gate Drive Outputs: Each pin connects to the gate of an external N-Channel MOSFET. During powerup, the CGATE and the CGS of the MOSFETs are connected to a 25A current source. This controls the value of dv/dt seen at the source of the MOSFETs, and hence the current flowing into the load capacitance. During current limit events, the voltage at this pin is adjusted to maintain constant current through the switch for a period of tFLT. Whenever an overcurrent, thermal shutdown, or input undervoltage fault condition occurs, the GATE pin for the affected slot is immediately brought low. During power-down, these pins are discharged by an internal current source.
13, 24
3VSENSEA, 3VSENSEB
3, 34
12VGATEA 12VGATEB
14, 23
3VGATEA 3VGATEB
11, 26
VSTBYA, VSTBYB 3.3V Standby Input Voltage: Required to support PCI Express VAUX output. Additionally, the SMBus logic and internal registers run off of VSTBY to ensure that the chip is accessible during standby modes. A UVLO circuit prevents turn-on of this supply until VSTBY rises above its UVLO threshold. Both pins must be externally connected together at the ISL6112 controller. VAUXA, VAUXB 3.3VAUX Outputs to PCI Express Card Slots: These outputs connect the 3.3AUX pin of the PCI Express connectors to VSTBY via internal 400m MOSFETs. These outputs are 1A current limited and protected against short-circuit faults. Enable Inputs: Rising-edge triggered. Used to enable or disable the MAINA and MAINB (+3.3V and +12V) outputs. Taking ON low after a fault resets the +12V and/or +3.3V fault latches for the affected slot. Tie these pins to GND if using SMI power control. Also, see pin description for FAULTA and FAULTB.
15, 22
44, 43
ONA, ONB
45, 42
AUXENA, AUXENB Level sensitive auxiliary enable Inputs. Used to enable or disable the VAUX outputs. Taking AUXEN low after a fault resets the respective slot's Aux Output Fault Latch. Tie these pins to GND if using SMI power control. Also, see pin description for FAULTA and FAULTB. CFILTERA, CFILTERB PWRGDA PWRGDB Overcurrent Timers: Capacitors connected between these pins and GND set the duration of CRTIM. CRTIM is the amount of time for which a slot remains in current limit before its isolation protection is invoked. Power-is-Good Outputs: Open-drain, active-low. Asserted when a slot has been commanded to turn on and has successfully begun delivering power to its respective +12V, +3.3V, and VAUX outputs. Each pin requires an external pull-up resistor to VSTBY.
2, 35
6, 31
4
FN6456.0 September 28, 2007
ISL6112 Pin Descriptions (Pin Numbers and Names are Related)
PIN NUMBER 1, 36 PIN NAME FAULTA, FAULTB (Continued)
PIN FUNCTION Fault Outputs: Open-drain, active-low. Asserted whenever the isolation protection trips due to a fault condition (overcurrent, input undervoltage, over-temperature). Each pin requires an external pull-up resistor to VSTBY. Bringing the slot's ON pin low resets FAULT if FAULT was asserted in response to a fault condition on one of the slot's MAIN outputs (+12V or +3.3V). FAULT is reset by bringing the slot's AUXEN pin low if FAULT was asserted in response to a fault condition on the slot's VAUX output. If a fault condition occurred on both the MAIN and VAUX outputs of the same slot, then both ON and AUXEN must be brought low to de-assert the FAULT output. Enable Inputs: Active-low, level-sensitive. Asserting a FORCE_ON input will turn on all three of the respective slot's outputs (+12V, +3.3V, and VAUX), while specifically defeating all protections on those supplies. This explicitly includes all overcurrent and short circuit protections, and on-chip thermal protection for the VAUX supplies. Additionally included are the UVLO protections for the +3.3V and +12VMAIN supplies. The FORCE_ON pins do not disable UVLO protection for the VAUX supplies. These input pins are intended for diagnostic purposes only. Asserting FORCE_ON will cause the respective slot's PWRGD and FAULT pins to enter their open-drain state. Note that the SMBus register set will continue to reflect the actual state of each slot's supplies. There is a pair of register bits, accessible via the SMBus, which can be set to disable (unconditionally de-assert) either or both of the FORCE_ON pins -- See CNTRL Register Bit D[2]. General Purpose Inputs: The states of these two inputs are available by reading the Common Status Register, Bits [4:5]. If not used, connect each pin to GND. SMBus Address Select Pins. Connect to ground or leave open in order to program device SMBus base address. These inputs have internal pull-up resistors to VSTBY. Address programmed on rising VSTBY. Bidirectional SMBus data line. SMBus Clock Input. Interrupt Output. Open-drain, active-low. output. Asserted whenever a power fault is detected if the INTMSK bit (CS Register Bit D[3]) is a logical "0". This output is cleared by performing an "echo reset" to the appropriate fault bit(s) in the STAT and/or CS registers. This pin requires an external pull-up resistor to VSTBY. IC Reference pins. Connect together and tie directly to the system's analog GND plane directly at the device. Reserved: Make no external connections to these pins.
9, 28
FORCE_ONA FORCE_ONB
4, 38 39, 40, 41 48 47 37
GPI_A0, GPI_B0 A2, A1, A0 SDA SCL INT
17, 33, 46 7, 18, 19, 20, 30
GND NC
5
FN6456.0 September 28, 2007
ISL6112
Absolute Maximum Ratings (Note 4)
12VIN, 12VSENSE, 12VOUT . . . . . . . . . . . . . . . . . . . . . . . . +14.5V VSTBY, 3VIN, 3VSENSE, 3VOUT . . . . . . . . . . . . . . . . . . . . . . . +7V 12VGATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 12VI 3VGATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 12VI Logic I/O . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +5.5V VAUX Output Current . . . . . . . . . . . . . . . . . .Short Circuit Protected ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1kV
Thermal Information
Thermal Resistance (Typical) JA (C/W) JC (C/W) 48 Ld 7x7 TQFP Package (Note 1) . . . 57 N/A 48 Ld 7x7 QFN Package (Notes 2, 3) . 27 3 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . . -65C to +150C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
12VMAIN Supply Voltage Range. . . . . . . . . . . . . . . . . +12V -10% 3.3VMAIN Supply Voltage Range . . . . . . . . . . . . . . . . +3.3V -10% AUXI Supply Voltage Range . . . . . . . . . . . . . . . . . . . . +3.3V -10% Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . .-40C to +85C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 3. For JC, the "case temp" location is the center of the exposed metal pad on the package underside. 4. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
PARAMETER
12VIN = 12V, 3VIN = 3.3V, VSTBY = 3.3V, TA = TJ = -40C to +85C, Unless Otherwise Noted. SYMBOL CONDITION MIN TYP MAX UNITS
POWER CONTROL AND LOGIC SECTIONS Supply Current ICC12 ICC3.3 ICCSTBY Undervoltage Lockout Thresholds VUVLO(12V) VUVLO(3V) VUVLO(STBY) Undervoltage Lockout Hysteresis 12VIN, 3VIN Undervoltage Lockout Hysteresis VSTBY Power-Good Undervoltage Thresholds VHYSUV VHYSSTBY VUVTH(12V) VUVTH(3V) VUVTH(VAUX) Power-Good Detect Hysteresis 12VGATE Voltage 12VGATE Sink Current 12VGATE Pull-up Current (Fault Off) 3VGATE Voltage 3VGATE Charge Current 3VGATE Sink Current (Fault Off) VHYSPG VGATE (12V) Max. Gate Voltage when Enabled 0 17 35 12VOUT decreasing 3VOUT decreasing VAUX decreasing 10.15 2.7 2.55 12VIN increasing 3VIN increasing VSTBY increasing 8 2.1 2.8 HPI Enabled or SMI enabled with no load 0.9 0.1 5 9 2.5 2.9 180 50 10.5 2.8 2.8 30 0.4 25 72 0.55 35 10.75 2.9 3 1.5 0.2 6 10 2.75 2.96 mA mA mA V V V mV mV V V V mV V A mA V A mA
IGATE(12VSINK) Start Cycle IGATE (12VPULL-UP) VGATE(3V) IGATE (3VCHARGE) IGATE(3VSINK) Any fault condition (VDD - VGATE) = 2.5V Minimum Gate Voltage when Enabled Start Cycle Any fault condition VGATE = 2.5V
12VIN - 0.3 12VIN - 0.2 12VIN 17 80 25 105 35
6
FN6456.0 September 28, 2007
ISL6112
Electrical Specifications
PARAMETER 12VIN = 12V, 3VIN = 3.3V, VSTBY = 3.3V, TA = TJ = -40C to +85C, Unless Otherwise Noted. (Continued) SYMBOL CONDITION MIN TYP MAX UNITS
CFILTER OVERCURRENT DELAY TIME PINS 2 AND 35 FLOATING CFILTER Threshold Voltage CFILTER Charging Current Nominal Current Limit Duration = CCFILTER x 550k VFILTER IFILTER VXVIN - VXSENSE > VTHILIMIT 1.20 2 1.25 2.5 1.30 3 V A
tFILTER Current Limit Threshold Voltages Fast-Trip Threshold Voltages XVSENSE Input Current LOW-Level Input Voltage ON, AUXEN, GPI, FORCE_ON, PRSNT Output LOW Voltage FAULT, PWRGD HIGH-Level Input Voltage ON, AUXEN, GPI, FORCE_ON Internal Pull-ups to VSTBY (Note 5) 12VIN, 3VIN Input Leakage Current Input Leakage Current, ON, AUXEN, FORCE_ON Off-State Leakage Current FAULT, PWRGD, GPI Over-temperature Shutdown and Reset Thresholds, with Overcurrent On Slot Over-temperature Shutdown and Reset Thresholds, All Other Conditions (All Outputs Will Latch Off) Output MOSFET Resistance VAUX MOSFET Off-State Output Offset Voltage VAUX Regulated Current Level Output Discharge Resistance rDS(AUX) VOFF(VAUX) ILIM(AUX) RDIS(12V) RDIS(3V) RDIS(VAUX) 12V Current Limit Response Time (See "Typical Application Diagram" on page 9). 3.3V Current Limit Response Time (See "Typical Application Diagram" on page 9). VAUX Current Limit Response Time (See "Typical Application Diagram" on page 9). Delay from MAIN Overcurrent to FAULT Output Delay from VAUX Overcurrent to FAULT Output ON, AUXEN, PRSNT Minimum Pulse Width Power-On Reset Time after VSTBY Becomes Valid tOFF(12V) VTHILIMIT VTHFAST ISENSE VIL VOL VIH RPULL-UP ILKG,OFF XVIN IIL ILKG(OFF) TOV
CFILTER Open VXIN - VXVSENSE VXVIN - VXVSENSE 47.5 85
10 50 100 0.1 0.8 52.5 115
s mV mV A V V V k A A A C C C C 350 m mV A s
IOL = 3mA 2.1. 40 VSTBY = +3.3V, 12VIN = OFF; 3VIN = OFF -2 GPI ILKG for these two pins measured with VAUX OFF TJ increasing, each slot (Note 5) TJ decreasing, each slot (Note 5) TJ increasing, each slot (Note 5) TJ decreasing, each slot (Note 5) IDS = 375mA VAUX = Off 0.8 12VOUT = 6.0V 3VOUT = 1.65V 3VAUX = 1.65V CGATE = 25pF VIN - VSENSE = 140mV CGATE = 25pF VIN - VSENSE = 140mV VAUX = 0V, VSTBY = +3.3V 25 1 1400 140 350 1 -2 140 130 160 150 0.5
0.4 5 50 1 2 2
40 1.2 1850 180 400 2.1
tOFF(3V)
0.3
1
s
tSC
2.5
s
CFILTER = 0 tPROP (12V FAULT or 3V VIN - VSENSE = 140mV FAULT) tPROP (VAUXFAULT) tW tPOR ILIM(AUX) to FAULT output CFILTER = 0 VAUX Output Grounded (Note 5) (Note 5)
1
s
1 100 250
s ns s
7
FN6456.0 September 28, 2007
ISL6112
Electrical Specifications
PARAMETER SMBUS TIMING SCL (clock) period Data In setup time to SCL HIGH Data Out stable after SCL LOW Data LOW setup time to SCL LOW Data HIGH hold time after SCL HIGH NOTE: 5. Limits established by design and are not production tested. t1 t2 t3 t4 t5 (Note 5) (Note 5) (Note 5) (Note 5) (Note 5) 2.5 100 300 100 100 s ns ns ns ns 12VIN = 12V, 3VIN = 3.3V, VSTBY = 3.3V, TA = TJ = -40C to +85C, Unless Otherwise Noted. (Continued) SYMBOL CONDITION MIN TYP MAX UNITS
8
FN6456.0 September 28, 2007
ISL6112 Typical Application Diagram
+12V SYSTEM POWER +3.3V SUPPLY VSTBY 0.1F 0.1F PCI-EXPRESS CONNECTOR
11 26 15 VSTBYA VSTBYB VAUXA 12VINA 5
0.1F
PCI EXPRESS BUS
2 CFILTERA VSTBY C1 C2 100k FORCE_ONA FORCE_ONB GPI_A0 GPI_B0 VSTBY 100k 100k 100k 9 28 4 38 FORCE_ONA FORCE_ONB GPI_A0 GPI_B0 35 CFILTERB
12VSENSEA 8 #CGS 22nF 3 12VGATEA #CGD 6800pF 12VOUTA 10 3VINA 12 *R12VGATEA 15
RSENSE^
3.3AUX 375mA
12V 2.1A (x4/x8) RSENSE^ 0.015
0.1F
3VSENSEA 13
AUXENA AUXENB ONA ONB VSTBY HOT-PLUG CONTROLLER PWRGDA PWRGDB FAULTA FAULTB
*R3VGATEA 3VGATEA 14 15 3VOUTA 16 # CGATE ISL6112 22nF 10k x 4 12VINB 32 0.1F 45 AUXENA 42 12VSENSEB 29 AUXENB 44 #CGS *R12VGATEB ONA 22nF 43 15 34 ONB 12VGATEB # CGD 6800pF 12VOUTB 27 10k x 4 0.1F 6 PWRGDA 31 3VINB PWRGDB 25 1 FAULTA 36 3VSENSEB 24 FAULTB 41 3VGATEB 23 A0 A1 3VOUTB 21 VAUXB 22 GND GND 17 33 *R3VGATEB 15
3.3V 3.0A
RSENSE^
12V 2.1A (x4/x8)
RSENSE^ 0.015
SMBUS BASE ADDRESS VSTBY
40
3.3V 3.0A
39 A2 37 INT 47 SCL 48 SDA
#CGATE 22nF
3.3AUX 375mA PCI EXPRESS DATA BUS PCI-EXPRESS CONNECTOR
GND 46
10k x 3 SDA SMBUS I/O SCL INT SDA SCL MANAGEMENT CONTROLLER INT
* Values for R12VGATE and R3VGATE may vary depending upon the CGS of the external MOSFETs. # These components are not required for ISL6112 operation but can be implemented for GATE output slew rate control (application specific) * Bold lines indicate high current paths ^ RSENSE value is application specific
9
FN6456.0 September 28, 2007
ISL6112 Functional Description
The ISL6112 protects the power supplies in PCI-Express systems that utilize hot-pluggable add-in cards. This IC together with two each of N-Channel and P-Channel MOSFETs, four current sense resistors and a few external passive components, provide a compliant hot plug power control solution to any combination of two PCI-Express X1, X4, X8 or X16 slots. The ISL6112 primarily features start-up in-rush current protection, maximum current regulated (CR) levels for each of the MAIN and AUX outputs, programmable CR duration so that both fault isolation protection and imperviousness to electrical transients are provided. The ISL6112 also offers input and output voltage supervisory functions and two operational system interfaces for implementation flexibility.
Current Regulation (CR) Duration
The CR duration for each slot is set by an external capacitor between the associated CFILTER pin and ground. This feature masks current transients and overcurrents prior to supply turn-off. Once the CR duration has expired, the IC then quickly turns-off the associated MAIN outputs via its external FETs or the failed AUX output, unloading the faulted load card from the supply voltage rails.
UVLO, Power Good and FAULT
The ISL6112 incorporates undervoltage lock out (UVLO) protections on each of the four MAIN VIN and two VSTBY supplies to prevent operation during a `brown out' condition. Likewise on the outputs are minimum voltage compliances that must be satisfied for the Power Good output, PWRGD to be asserted. There is some hysteresis on the UVLO levels as the voltage on VIN decreases to ensure IC operation below the minimum operating supply standards. The FAULT output is asserted (low) whenever there is an OC, OT or UV condition. The FAULT is cleared once the appropriate enable is deasserted.
In-Rush Current Protection
When any electronic circuitry is powered up, there is an in-rush of current due to the charging of bulk capacitance that resides across the circuit board's supply pins. This transient in-rush current may cause the systems supply voltages to temporarily droop out of regulation, causing data loss or system lock-up. The ISL6112 addresses these issues by limiting the in-rush currents to the PCI-Express add-in cards, and thereby controlling the rate at which the loads circuits turn-on. See Figures 2, 3, 4, 5, 6 and 7 for AUX and MAIN turn-on examples illustrating the current limiting capabilities across a variety of compensation component values.
Operational System Interfaces
The ISL6112 employs two system interfaces: the hardware Hot-Plug Interface (HPI) and the System Management Interface (SMI). The HPI I/O includes ON, AUXEN, FAULT and PWRGD]; the SMI I/O consists of SDA, SCL, and INT, whose signals conform to the levels and timing of the SMBus specification; see "SMI only Control Applications" on page 17 The ISL6112 can be operated exclusively from either the SMI or HPI, or can employ the HPl for power control while continuing to use the SMI for access to all but the power control registers. In addition to the basic power control features of the ISL6112 accessible by the HPI, the SMI also gives the host access to the following information from the part: * Fault conditions occurring on each supply. These faults include Overcurrent, Over-Temperature and undervoltage * GPI pin status when using the System When using the System Management Interface for power control, do not use the Hot-Plug Interface. Conversely, when using the Hot-Plug Interface for power control, do not execute power control commands over the System Management Interface bus (all other register accesses via the SMI bus remain permissible while in the HPI control mode). When utilizing the SMI exclusively, the HPI input pins (ON, AUXEN, and FORCE_ON) should be configured, as shown in Figure 1 (disabling HPI when SMI control is used). This configuration safeguards the power slots in the event that the SMBus communication link is disconnected for any reason. Additionally, when utilizing the HPI exclusively, the SMBus (or SMI) will be inactive if the input pins (SDA, SCL, A0, A1, and A2) are configured as shown in Figure 1.
MAIN Supply Overcurrent Protection
For each of the 3VMAIN and 12VMAIN supplies, the current regulated (CR) levels are set by a sub ohm value sense resistor. The value for the 12VMAIN is dependant on the size of the PCI-Express connector (X1, X4/X8 or X16) to be powered. The voltage across this resistor is compared to a 50mV internal reference providing a nominal CR protection level which would be set above the maximum specified slot limits. The 3.3VMAIN supply can use a 15m sense resistor compared to a 50mV reference to provide a nominal regulated current limit of 3.3A, as this supply has a common 3A maximum across all slot sizes. For both MAIN supplies, there is a Way Overcurrent (WOC) shutdown protocol that is without a CR duration. WOC is invoked if the load current causes the RSENSE voltage to be >100mV. See Figures 10 and 11.
VAUX Supply Overcurrent Protection
The VAUX load current is internally monitored and controlled via an internal power FET. This FET has a typical rDS(ON) of 320mW at a VAUX current of 375mA to minimize distribution losses to typically <100mV through the IC. Using active monitoring and control, the ISL6112 provides nominal limiting to ~1000mA of load current across the temperature range and for various loading conditions. See Figures 2, 12 and 13 for examples of this performance. 10
FN6456.0 September 28, 2007
ISL6112
100k 100k 100k
VSTBY INT
SCL SDA INT# A2 A1 A0
deasserted or else the ISL6112 will assert its FAULT outputs. If an undervoltage condition on either of the MAIN supply inputs is detected, the INT will also assert if interrupts are enabled.
VAUX VAUX
DISABLING SMI WHEN HPI CONTROL IS USED
AUXEN AUXEN
100k 9 100k 28 45 42 44 43
VSTBY
FORON#_A FORON#_B AUXENA AUXENB ONA ONB
IAUX IAUX
DISABLING HPI WHEN SMI CONTROL IS USED
FIGURE 1. I/O CONFIGURATION FOR DISABLING HPI/SMI CONTROL
FIGURE 2. VAUX TURN-ON RLOAD = 10, CLOAD = 100F
ISL6112 Bias, Power-On Reset and Power Cycling
The ISL6112 utilizes VSTBY as the only supply source. VSTBY is required for proper operation of the ISL6112's SMBus and registers and must be applied at all times. A Power-On Reset (POR) cycle is initiated after VSTBY rises above its UVLO threshold and remains satisfied for 250s. All internal registers are cleared after POR. If VSTBY is recycled, the ISL6112 enters a new power-on-reset cycle. VSTBY must be the first supply voltage applied followed by the MAIN supply inputs of 12VIN and 3VIN. The SMBus is ready for access at the end of the POR cycle (250s after VSTBY is valid). During tPOR, all outputs remain off.
Enabling the MAIN GATE outputs
When a slot's MAIN supplies are off, the 12VGATE pin is held high with an internal pull-up to the 12VIN voltage. Similarly, the 3VGATE pin is internally held low to GND. When the MAIN supplies of the ISL6112 are enabled by asserting ON, the related 3VGATE and 12VGATE pins are each connected to a constant current supply. For the 3VGATE pin, this is nominally a 25A current source and for the 12VGATE pin, this is nominally a -25A current sink. The 3VGATE will be charged up to the 12VIN voltage whereas the 12GATE will be pulled down to GND for maximum enhancement of the N-Channel and P-Channel FETs, respectively.
Enabling the VAUX Outputs
Upon asserting an AUXEN input, the related internal power switch turns on connecting the nominally 3.3V VSTBY supply to its VAUX load. The turn-on is slew rate limited and invokes the ICs current regulation feature so as to not droop the supply due to in-rush current load. Figure 2 illustrates the VAUX turn-on performance into a 10, 100F load.
Estimating In-Rush Current and VOUT Slew Rate at Start-up
The expected in-rush current can be estimated by using Equation 1:
C LOAD I IN - RUSH NOMINALLY = 25A ------------------- C GATE (EQ. 1)
Standby Mode
Standby mode is entered when one or more of the MAIN supply inputs (12VIN and/or 3VIN) is absent, below its respective UVLO threshold or OFF. The ISL6112 also has 3.3V auxiliary outputs (VAUXA and VAUXB), satisfying an optional PCI Express requirement. These outputs are fed from the VSTBY input pins, they are independent of the MAIN outputs and are controlled by the AUXEN input pins or via their respective bits in the control registers. Should the MAIN supply inputs fall below their respective UVLO thresholds, VAUX will still function as long as VSTBY is compliant. Prior to standby mode, ONA and ONB (or the control registers' MAINA and MAINB bits) inputs must be
with 25A being the GATE pin charge current, CLOAD is the load capacitance, and CGATE is the total GATE capacitance including CISS of the external MOSFET and any external capacitance connected from the GATE output pin to the GATE reference, GND or source. An estimate for the output slew rate of 3.3V outputs and 12V outputs where there is little or no external 12VGATE output capacitors, can be had from Equation 2:
I LIM dv/dt VOUT NOMINALLY = ------------------C LOAD (EQ. 2)
11
FN6456.0 September 28, 2007
ISL6112
where ILIM = 50mV/RSENSE and CLOAD is the load capacitance. As a consequence, the CR duration, tFILTER, must be programmed to exceed the time it will take to fully charge the output load to the input rail voltage level.
12VOUT
MAIN Outputs (Start-up Delay and Slew-Rate Control)
The 3.3V outputs act as source followers. In this mode of operation, VSOURCE = [VGATE - VTH(ON)] until the associated output reaches 3.3V. The voltage on the gate of the MOSFET will then continue to rise until it reaches 12V, which ensures minimum rDS(ON). For the 12V outputs, when the MOSFET is optionally configured as a Miller integrator to adjust the VOUT ramp time by having a CGD capacitor, which is connected between the MOSFET's gate and drain. In this configuration, the feedback action from drain to gate of the MOSFET causes the voltage at the drain of the MOSFET to slew in a linear fashion at a rate estimated by Equation 3:
25A dv/dt VOUT NOMINALLY = -------------C GD (EQ. 3)
12VGATE
12IOUT
CFILTER
CGD = 6800pF CGS = 22nF
FIGURE 3. 12VMAIN START-UP RLOAD = 10, CLOAD = 470F
3VOUT
Table 1 approximates the output slew-rate for various values of CGATE when start-up is dominated by GATE capacitance (external CGATE from GATE pin to ground plus CGS of the external MOSFET for the 3.3V rail; CGD for the 12V rail).
TABLE 1. 3.3V AND 12V OUTPUT SLEW-RATE SELECTION FOR GATE CAPACITANCE DOMINATED START-UP | IGATE | = 25A CGATE or CGD 0.01F* 0.022F* 0.047F 0.1F dv/dt (load) 2.5V/ms 1.136V/ms 0.532 V/ms 0.250V/ms
CFILTER RESPONDING TO UNSHOWN MAIN SUPPLY
3VGATE
3IOUT
CFILTER
CGATE = 22nF
FIGURE 4. 3VMAIN START-UP RLOAD = 2, CLOAD = 470F
*Values in this range will be affected by the internal parasitic
capacitances of the MOSFETs used, and should be verified experimentally.
12VOUT
Note that all of these performance estimates are useful only for first order time and loading expectations as they do not look at other significant loading factors. Figures 3, 4, 5, 6 and 7 illustrate empirically the discussed turn-on performance with the noted loading and compensation conditions. Notice the degree of control over the in-rush current and the GATE ramp rate as the and values are changed thus providing for highly customizable turn-on characteristics. In some scope shots although the CFILTER shows a ramping in the absence of excessive displayed loading current the CFILTER is responding to the other MAIN supply current that is not displayed. All scope shots were taken from the ISL6112EVAL1Z with any component changes noted. 12
12VGATE
12IOUT
CFILTER
CGD = 6800pF CGS = 2200pF
FIGURE 5. 12VMAIN START-UP RLOAD = 10, CLOAD = 470F
FN6456.0 September 28, 2007
ISL6112
.
3VGATE 12VOUT 12VGATE
3VOUT
12IOUT
3IOUT
CFILTER CFILTER RESPONDING TO UNSHOWN MAIN SUPPLY CGATE = 2200pF
CFILTER
FIGURE 6. 3VMAIN START-UP RLOAD = 2, CLOAD = 470F
FIGURE 8. 12VMAIN CR AND SHUT-DOWN
12VOUT
12VGATE
3IOUT 3VOUT
12IOUT 3VGATE CFILTER CFILTER
CGD = 9800pF CGS = 2200pF
FIGURE 7. 12VMAIN START-UP RLOAD = 10, CLOAD = 470F
FIGURE 9. 3VMAIN CR AND SHUT-DOWN
Current Regulation (CR) Function
The ISL6112 provides a current regulation and limiting function that protects the input voltage supplies against excessive loads, including short circuits. When the current from any of a slots MAIN outputs exceeds the current limit threshold (ILIM = 50mV/RSENSE) for a duration greater than tFILTER, the isolation protection is tripped and both related MAIN supplies are shut off, as shown in Figures 8 and 9. Should the load current cause a MAIN outputs VSENSE to exceed VTHFAST, the outputs are immediately shut off with no tFILTER delay, as shown in Figures 10 and 11.
12VOUT 12VGATE
12IOUT CFILTER
FIGURE 10. 12VMAIN WOC SHUT-DOWN
13
FN6456.0 September 28, 2007
ISL6112
3VGATE
VAUX CFILTER
CFILTER
3IOUT
3VOUT
IAUX
FIGURE 11. 3VMAIN WOC SHUT-DOWN
FIGURE 13. VAUX WOC REGULATION AND SHUT-DOWN
The VAUX outputs have a different isolation protection function. The VAUX isolation circuit does not incorporate a fast-trip detector, instead they regulate the output current into a fault to avoid exceeding their operating current limit. The protection circuit will trip due to an overcurrent on VAUX when the programmable CR duration timer, tFILTER expires. This use of the tFILTER timer prevents the circuit from tripping prematurely due to brief current transients. See Figures 12 and 13 for illustrations of the VAUX protection performance into a slight OC and more severe OC condition respectively. The ISL6112 AUX current control responds proportionally to the severity of the OC condition resulting in faster VAUX pull-down and current regulation until tFILTER has expired.
Following a fault condition, the outputs can be turned on again via the ON inputs (if the fault occurred on one of the MAIN outputs), via the AUXEN inputs (if the fault occurred on the AUX outputs), or by cycling both ON and AUXEN (if faults occurred on both the MAIN and AUX outputs). A fault condition can alternatively be cleared under SMI control of the ENABLE bits in the CNTRL registers (See "Control Register Bits D[1:0]" on page 19). When the circuit protection trips, FAULT will be asserted if the outputs were enabled through the Hot-Plug Interface inputs. If SMI is enabled, INT will be asserted (unless interrupts are masked). Note that INT is deasserted by writing a Logic 1 back into the respective fault bit position(s) in the STAT register or the "Common Status Register (CS) 8-Bits, Read/Write" on page 23. The ISL6112 current regulation duration (tFILTER) is individually set for each slot by an external capacitor at the CFILTER pin to GND. Once the CR mode is entered, the external cap is charged with a 2.5A current source to 1.25V. Once this threshold has been reached, the IC then turns-off only the related faulted output(s), either both of the MAIN (external FETs) and or the AUX (internal FET) and sets the FAULT output low. For a desired tFILTER, the value for CFILTER is given by Equation 4:
nominal t FILTER C FILTER = ------------------------------------------500k (EQ. 4)
VAUX CFILTER
IAUX
FIGURE 12. VAUX OC REGULATION AND SHUT-DOWN
where 500k is the nominal VFILTER/nominal IFILTER and where tFILTER is the desired response time with the values for IFILTER and VFILTER being found in the "Electrical Specifications Table" on page 6. See Table 2 for nominal tFILTER times for given CFILTER cap values.
14
FN6456.0 September 28, 2007
ISL6112
For the ISL6112, there is a minimum tFILTER consideration since the ISL6112 has its CR feature invoked as it turns-on the FETs into the load. There is a maximum bulk capacitance specified for each power level supported that needs to be charged at the CR limit. This in-rush current time must be considered when determining the tFILTER duration.
TABLE 2. NOMINAL tFILTER DURATION CFILTER CAPACITANCE (F) Open 0.01 0.022 0.047 0.1 TIME (ms) 0.01 5 11 24 50
condition exists. A +160C over-temperature condition additionally sets the over-temperature bit (OT_INT) in the "Common Status Register (CS) 8-Bits, Read/Write" on page 23.
PWRGD Outputs
The ISL6112 has two PWRGD outputs, one for each slot. These are open-drain, active-low outputs that require an external pull-up resistor to VSTBY. Each output is asserted when a slot has been enabled and has successfully begun delivering power to its respective +12V, +3.3V, and VAUX outputs. An equivalent logic diagram for PWRGD is shown in Figure 14.
FORCE_ON Inputs
These level-sensitive, active-low inputs are provided to facilitate designing or debugging systems using the ISL6112. Asserting FORCE_ON will turn on all three of the respective slot's outputs (12MAIN, 3MAIN, and VAUX), while specifically defeating all overcurrent and short circuit protections, and onchip thermal protection for the VAUX supplies. Additionally, asserting FORCE_ON will disable all of the input and output UVLO protections, with the sole exception of the VSTBY input UVLO. Asserting FORCE_ON will cause the slot PWRGD and FAULT outputs to enter their open-drain state. Additionally, there are two SMBus accessible register bits (See Control Register Bit D[2] in Tables 5 and 7), which can be set to disable the corresponding slot's FORCE_ON pins. This allows system software to prevent these hardware overrides from being inadvertently activated during normal use. When not used, each FORCE_ON pin can be connected to VSTBY using an external pull-up resistor or simply shorted to VSTBY.
NOTE: Nominal CR_DUR = CFILTER cap (F) * 500k.
.
Power-Down Cycle
When a slot is turned off either under HPI or SMI control , internal discharge FETs are connected to the output load providing a discharge path for load capacitance connected to the part's outputs ensuring that the outputs are pulled to GND. This is a compliancy requirement if a replacement add in card will be inserted into the slot.
Thermal Shutdown
The internal VAUX MOSFETs are protected against damage not only by current limiting, but by a dual-mode over-temperature protection scheme as well. Each slot controller on the ISL6112 is thermally isolated from the other. Should an overcurrent condition raise the junction temperature of one slot's controller and pass elements to +140C, all of the outputs for that slot (including VAUX) will be shut off and the slots FAULT output will be asserted. The other slots operating condition will remain unaffected. However, should the ISL6112's die temperature exceed +160C, both slots (all outputs, including VAUXA and VAUXB) will be shut off, whether or not a current limit
(1) AUXEN (2) VAUX (3) 3VAUX_UV (1) ON (4) MAIN 12VOUT_UV 3VOUT_UV FORCE_ON (5) FORCE_EN (3) (3) (1)
General Purpose Input (GPI) Pins
Two pins on the ISL6112 are available for use as GPI pins. The logic state of each of these pins can be determined by polling Bits [4:5] of Common Status Register. Both of these inputs are compliant to 3.3V. If GPI is unused, connect each to GND.
VSTBY
PWRGD
(1) External pin (2) CNTRL Register Bit D[0] (3) Internal flag (4) CNTRL Register Bit D[1] (5) CNTRL Register Bit D[2]
FIGURE 14. PWRGD LOGIC DIAGRAM
15
FN6456.0 September 28, 2007
ISL6112 Timing Diagrams
SCL t4 SDA DATA IN t3 SDA DATA OUT t2 t5
FIGURE 15. SMBUS TIMING
+3.3V UVLO VSTBY AUXEN 0 tPOR VAUX_OUT 0 ILIM(AUX) I AUX_OUT ISTEADY-STATE 0 tFLT VIH VIL VIH
ON 0 12VOUT 0 3VOUT 0 PWRGD_ 0 ILIM(3V) I3VOUT ISTEADY-STATE 0
VIH VIL
VIH
tFLT
FAULT_ INT*
0 * 0 * INT DE-ASSERTED BY SOFTWARE *
FIGURE 16. HOT-PLUG INTERFACE OPERATION
ISL6112 DEVICE ADDRESS DATA
COMMAND BYTE TO ISL6112
DATA BYTE TO ISL6112
S 1 0 0 0 A2 A1 A0 0 A 0 0 0 0 0 X X X A D7 D6 D5 D4 D3 D2 D1 D0 A P START R/W = WRITE ACKNOWLEDGE ACKNOWLEDGE ACKNOWLEDGE
CLK MASTER TO DEVICE TRANSFER, i.e., DATA DRIVEN BY MASTER. DEVICE TO MASTER TRANSFER, i.e., DATA DRIVEN BY DEVICE.
FIGURE 17. WRITE_BYTE PROTOCOL
16
FN6456.0 September 28, 2007
ISL6112 Timing Diagrams
DATA
(Continued)
COMMAND BYTE TO ISL6112 ISL6112 DEVICE ADDRESS DATA READ FROM ISL6112
ISL6112 DEVICE ADDRESS
S 1 0 0 0 A2 A1 A0 0 A 0 0 0 0 0 X X X A S 1 0 0 0 A2 A1 A0 1 A D7 D6 D5 D4 D3 D2 D1 D0 /A P START R/W = WRITE ACKNOWLEDGE ACKNOWLEDGE START R/W = READ ACKNOWLEDGE NOT ACKNOWLEDGE
CLK MASTER TO DEVICE TRANSFER, i.E., DATA DRIVEN BY MASTER. DEVICE TO MASTER TRANSFER, i.e., DATA DRIVEN BY DEVICE.
FIGURE 18. READ_BYTE PROTOCOL
ISL6112 DEVICE ADDRESS DATA
BYTE READ FROM ISL6112
S 1 0 0 0 A2 A1 A0 1 A D7 D6 D5 D4 D3 D2 D1 D0 /A P START R/W = READ ACKNOWLEDGE NOT ACKNOWLEDGE STOP
CLK MASTER TO DEVICE TRANSFER, i.e., DATA DRIVEN BY MASTER. DEVICE TO MASTER TRANSFER, i.e., DATA DRIVEN BY DEVICE.
FIGURE 19. RECEIVE_BYTE PROTOCOL
Hot-Plug Interface (HPI)
Once the input supplies are above their respective UVLO thresholds, the Hot-Plug Interface can be utilized for power control by enabling the control input pins (AUXEN and ON) for each slot. In order for the ISL6112 to switch on the VAUX supply for either slot, the AUXEN control must be enabled after the power-on-reset delay, tPOR (typically, 250s), has elapsed.
Register Bits D[2:1]. Individual fault bits in STAT and CS registers are asserted after power-on-reset when: * Either or both CNTRL Register Bits D[1:0] are asserted, AND * 12VIN, 3VIN, or VSTBY input voltage is lower than its respective ULVO threshold, OR * The fast OC circuit isolation protection has tripped, OR * The slow OC circuit isolation protection has tripped AND its filter time-out has expired, OR * The slow OC circuit isolation protection has tripped AND Slot die temperature > +140C, OR * The ISL6112's global die temperature > +160C Once asserted, to clear any one or all STATUS Register Bits D[4], D[2], D[0] and/or CS Register Bits D[2], D[1], a software subroutine can perform an "echo reset" where a Logical "1" is written back to those register bit locations that have indicated a fault. This method of "echo reset" allows data to be retained in the STATUS and/or CS registers until such time as the system is prepared to operate on that data. The ISL6112 can operate in interrupt mode or polled mode. For interrupt-mode operation, the open-drain, active-LOW INT output signal is activated after power-on-reset if the INTMSK bit (CS Register Bit D[3]) has been reset to Logical "0". Once activated, the INT output is asserted by any one of the fault conditions previously listed and deasserted when one or all STAT Register Bits D[4], D[2], D[0] and/or CS Register Bits D[2], D[1] are reset upon the execution of an SMBus "echo reset" WRITE_BYTE cycle. For polled-mode operation, the INTMSK bit should be set to Logical "1," thereby inhibiting INT output pin operation.
System Management Interface (SMI)
The ISL6112's System Management Interface uses the Read_Byte and Write_Byte subset of the SMBus protocols to communicate with its host via the System Management Interface bus. The INT output signals the controlling processor that one or more events need attention, if an interrupt-driven architecture is used. Note that the ISL6112 does not participate in the SMBus Alert Response Address (ARA) portion of the SMBus protocol.
Fault Reporting and Interrupt Generation
SMI ONLY CONTROL APPLICATIONS In applications where the ISL6112 is controlled only by the SMI, ON and AUXEN are connected to GND and the FORCE_ON pins are connected to VSTBY either as shown in Figure 1 or shorted. In these cases, the ISL6112's FAULT outputs and STATUS Register Bit D[7] (FAULT) are not activated as fault status is determined by polling STATUS Register Bits D[4], D[2], D[0] and CS (Common Status)
17
FN6456.0 September 28, 2007
ISL6112
For those SMI control applications where the FORCE_ON inputs are needed for diagnostic purposes, the FORCE_ON inputs must be enabled; that is, CNTRL Register Bit D[2] should read Logical "0." Once FORCE_ON inputs are asserted, all output voltages are present with all circuit protection features disabled, including over-temperature protection on VAUX outputs. To inhibit FORCE_ON operation, a Logical "1" shall be written to the CNTRL Register Bit D[2] location(s) HPI-ONLY CONTROL APPLICATIONS In applications where the ISL6112 is controlled only by HPI, SMBus signals SCL, SDA, and INT signals are connected to VSTBY as shown in Figure 1. In this configuration, the ISL6112's FAULT outputs are activated after power-on-reset and become asserted when: Either or both external ON and AUXEN input signals are asserted, AND * 12VIN, 3VIN, or VSTBY input voltage is lower than its respective ULVO threshold, OR * The fast OC circuit isolation protection has tripped, OR * The slow OC circuit isolation protection has tripped AND its filter time-out has expired, OR * The slow OC circuit isolation protection has tripped AND Slot die temperature > +140C, OR. * The ISL6112's global die temperature > +160C In order to clear FAULT outputs once asserted, either or both ON and AUXEN input signals must be deasserted. Please see FAULT pin description for additional information. If the FORCE_ON inputs are used for diagnostic purposes, both FAULT and PWRGD outputs are deasserted once FORCE_ON inputs are asserted.
.
and 19 show the formats for these data read and data write procedures. The Command Register is eight bits (one byte) wide. This byte carries the address of the ISL6112's register to be operated upon. The command byte values corresponding to the various ISL6112 register addresses are shown in Table 4. Command byte values other than 0000 0XXXb = 00h - 07h are reserved and should not be used.
ISL6112 SMBus Address Configuration
The ISL6112 responds to its own unique SMBus address, which is assigned using A2, A1, and A0. These represent the 3 LSBs of its 7-bit address, as shown in Table 3. These address bits are assigned only during power-up of the VSTBY supply input. These address bits allow up to eight ISL6112 devices in a single system. These pins are either grounded or left unconnected to specify a logical 0 or logical 1, respectively. A pin designated as a logical 1 may also be pulled up to VSTBY.
TABLE 3. ISL6112 SMBUS ADDRESSING INPUTS A2 0 0 0 0 1 1 1 1 A1 0 0 1 1 0 0 1 1 A0 0 1 0 1 0 1 0 1 ISL6112 DEVICE ADDRESS BINARY 1000 000X*b 1000 001Xb 1000 010Xb 1000 011Xb 1000 100Xb 1000 101Xb 1000 110Xb 1000 111Xb HEX 80h 82h 84h 86h 88h 8Ah 8Ch 8Eh
* Where X = "1" for READ and "0" for WRITE
Serial Port Operation
The ISL6112 uses standard SMBus Write_Byte and Read_Byte operations for communication with its host. The SMBus Write_Byte operation involves sending the devices target address, with the R/W bit (LSB) set to the low (write) state, followed by a command byte and a data byte. The SMBus Read_Byte operation is similar, but is a composite write and read operation: the host first sends the devices target address followed by the command byte, as in a write operation. A new "Start" bit must then be sent to the ISL6112, followed by a repeat of the device address with the R/W bit set to the high (read) state. The data to be read from the part may then be clocked out. There is one exception to this rule: If the location latched in the pointer register from the last write operation is known to be correct (i.e., points to the desired register within the ISL6112), then the "Receive_Byte" procedure may be used. To perform a Receive_Byte operation, the host sends an address byte to select the target ISL6112, with the R/W bit set to the high (read) state, and then retrieves the data byte. Figures 17, 18
18
FN6456.0 September 28, 2007
ISL6112 ISL6112 Register Set and Programmer's Model
TABLE 4. ISL6112 REGISTER ADDRESSES TARGET REGISTER LABEL CNTRLA CNTRLB STATA STATB CS Reserved DESCRIPTION Control Register Slot A Control Register Slot B Slot A Status Slot B Status Common Status Register Reserved/Do Not Use 02h 03h 04h 05h 06h 07h - FFh COMMAND BYTE VALUE READ 02h 03h 04h 05h 06h 07h - FFh WRITE POWER-ON DEFAULT 00h 00h 00h 00h xxxx 0000b Undefined
Detailed Register Descriptions
Control Register, Slot A (CNTRLA) 8-Bits, Read/Write
TABLE 5. CONTROL REGISTER, SLOT A (CNTRLA) D[7] read-only AUXAPG D[6] read-only MAINAPG D[5] read only Reserved D[4] read only Reserved D[3] read-only Reserved D[2] read/write D[1] read/write MAINA D[0] read/write VAUXA
FORCE_A
ENABLE
BIT(s) AUXAPG MAINAPG D[5] D[4] D[3] FORCE_A ENABLE MAINA VAUXA
FUNCTION AUX output power-good status, Slot A MAIN output power-good status, Slot A Reserved Reserved Reserved Allows or inhibits the operation of the FORCE_ONA input pin MAIN enable control, Slot A VAUX enable control, Slot A 0000 0000b = 00h 0000 0010b = 02h
OPERATION 1 = Power-is-Good (VAUXA Output is above its UVLO threshold) 1 = Power-is-Good (MAINA Outputs are above their UVLO thresholds) Always read as zero Always read as zero Always read as zero 0 = FORCE_ONA is enabled 1 = FORCE_ONA is disabled 0 = Off, 1 = On 0 = Off, 1 = On
Power-Up Default Value: Read Command_Byte Value (R/W):
The power-up default value is 00h. Slot is disabled upon power-up, i.e., all supply outputs are off. NOTES: 6. The state of the PWRGDA pin is the logical AND of the values of the AUXAPG and the MAINAPG bits, except when FORCE_ONA is asserted. If FORCE_ONA is asserted (the pin is pulled low), and FORCE_AENABLE is set to a logic zero, the PWRGDA pin will be unconditionally forced to its open-drain ("Power Not Good") state. 7. The values of the MAINAPG and AUXAPG register bits are not affected by FORCE_ONA, but will instead continue to read as high if power is "Good," and as low if the conditions which indicate that power is good are not met.
19
FN6456.0 September 28, 2007
ISL6112
Status Register Slot A (STATUSA) 8-Bits, Read-Only
TABLE 6. STATUS REGISTER, SLOT A (STATA) D[7] read-only FAULTA D[6] read-only MAINA D[5] read-only VAUXA D[4] read/write VAUXAF D[3] read-only Reserved D[2] read/write 12VAF D[1] read-only Reserved D[0] read/write 3VAF
BIT(s) FAULTA FAULT Status - Slot A
FUNCTION
OPERATION 1 = Fault pin asserted (FAULTA pin is LOW) 0 = Fault pin deasserted (FAULTA pin is HIGH) See Notes 8, 9, and 10.
MAINA
MAIN Enable Status - Slot A
Represents the actual state (on/off) of the two Main Power outputs for Slot A (+12V and +3.3V) 1 = Main Power ON 0 = Main Power OFF
VAUXA
VAUX Enable Status - Slot A
Represents the actual state (on/off) of the Auxiliary Power output for Slot A 1 = AUX Power ON 0 = AUX Power OFF
VAUXAF D[3] 12VAF D[1] 3VAF
Overcurrent Fault: VAUXA supply Reserved Overcurrent Fault: +12V supply Reserved Overcurrent Fault: 3.3V supply 0000 0000b = 00h 0000 0100b = 04h
1 = Fault 0 = No fault Always read as zero 1 = Fault 0 = No fault Always read as zero 1 = Fault 0 = No fault
Power-Up Default Value: Command_Byte Value (R/W):
The power-up default value is 00h. Both slots are disabled upon power-up, i.e., all supply outputs are off. In response to an overcurrent fault condition, writing a logical 1 back into the active (or set) bit position will clear the bit and deassert INT. The status of the FAULTA pin is not affected by reading the Status Register or by clearing active status bits. NOTES: 8. If FAULTA has been set by an overcurrent condition on one or more of the MAIN outputs, the ONA input must go LOW to reset FAULTA. If FAULTA has been set by a VAUXA overcurrent event, the AUXENA input must go LOW to reset FAULTA. If an overcurrent has occurred on both a MAIN output and the VAUX output of slot A, both ONA and AUXENA of the slot must go low to reset FAULTA. 9. Neither the FAULTA bits nor the FAULTA pins are active when the ISL6112 power paths are controlled by the System Management Interface. When using SMI power path control, AUXENA and ONA pins for that slot must be tied to GND. 10. If FORCE_ONA is asserted (low), the FAULTA pin will be unconditionally forced to its open-drain state. Note, though, that the value in the FAULTA register bit is not affected by FORCE_ONA, but will instead continue to read as a high if no faults are present on Slot A, and as a low if any fault conditions exist, which would disable Slot A if FORCE_ONA was not asserted.
20
FN6456.0 September 28, 2007
ISL6112
Control Register, Slot B (CNTRLB) 8-Bits, Read/Write
TABLE 7. CONTROL REGISTER, SLOT B (CNTRLB) D[7] read-only AUXBPG D[6] read-only MAINBPG D[5] read only Reserved D[4] read only Reserved D[3] read-only Reserved D[2] read/write FORCE_B ENABLE D[1] read/write MAINB D[0] read/write VAUXB
BIT(s) AUXBPG MAINBPG
FUNCTION AUX output power-good status, Slot B MAIN output power-good status, Slot B
OPERATION 1 = Power-is-Good (VAUXB Output is above its UVLO threshold) 1 = Power-is-Good (MAINB Outputs are above their UVLO thresholds)
D[5] D[4] D[3] FORCE_B ENABLE MAINB VAUXB
Reserved Reserved Reserved Allows or inhibits the operation of the FORCE_ONB input pin MAIN enable control, Slot B VAUX enable control, Slot B 0000 0000b = 00h 0000 0011b = 03h
Always read as zero Always read as zero Always read as zero 0 = FORCE_ONB is enabled 1 = FORCE_ONB is disabled 0 = Off, 1 = On 0 = Off, 1 = On
Power-Up Default Value: Command_Byte Value (R/W):
The power-up default value is 00h. Slot is disabled upon power-up, i.e., all supply outputs are off. NOTES: 11. The state of the PWRGDB pin is the logical AND of the values of the AUXBPG and the MAINBPG bits, except when FORCE_ONB is asserted. If FORCE_ONB is asserted (the pin is pulled low), and FORCE_BENABLE is set to a logic zero, the PWRGDB pin will be unconditionally forced to its open-drain ("Power Not Good") state. 12. The values of the MAINBPG and AUXBPG register bits are not affected by FORCE_ONB, but will instead continue to read as high if power is "Good," and as low if the conditions, which indicate that power is good, are not met.
21
FN6456.0 September 28, 2007
ISL6112
Status Register Slot B (STATB) 8-Bits, Read-Only
TABLE 8. STATUS REGISTER, SLOT B (STATB) D[7] read-only FAULTB D[6] read-only MAINB D[5] read-only VAUXB D[4] read/write VAUXBF D[3] read-only Reserved D[2] read/write 12VBF D[1] read-only Reserved D[0] read/write 3VBF
BIT(s) FAULTB FAULT Pin Status - Slot B
FUNCTION
OPERATION 1 = Fault pin asserted (FAULTB pin is LOW) 0 = Fault pin deasserted (FAULTB pin is HIGH) See Notes 13, 14, and 15. Represents the actual state (on/off) of the four Main Power outputs for Slot B (+12V and +3.3V) 1 = MAIN Power ON 0 = MAIN Power OFF Represents the actual state (on/off) of the Auxiliary Power output for Slot B 1 = AUX Power ON 0 = AUX Power OFF 1 = Fault 0 = No fault Always read as zero 1 = Fault 0 = No fault Always read as zero 1 = Fault 0 = No fault
MAINB
MAIN Enable Status - Slot B
VAUXB
VAUX Enable Status - Slot B
VAUXBF D[3] 12VBF D[1] 3VBF
Overcurrent Fault: VAUXB supply Reserved Over current Fault: +12V supply Reserved Over current Fault: 3.3V supply 0000 0000h = 00h 0000 0101b = 05h
Power-Up Default Value: Command_Byte Value (R/W):
The power-up default value is 00h. Both slots are disabled upon power-up, i.e., all supply outputs are off. In response to an overcurrent fault condition, writing a logical 1 back into the active (or set) bit position will clear the bit and deassert INT. The status of the FAULTB pin is not affected by reading the Status Register or by clearing active status bits. NOTES: 13. If FAULTB has been set by an overcurrent condition on one or more of the MAIN outputs, the ONB input must go LOW to reset FAULTB. If FAULTB has been set by a VAUXB overcurrent event, the AUXENB input must go LOW to reset FAULTB. If an overcurrent has occurred on both a MAIN output and the VAUX output of slot B, both ONB and AUXENB of the slot must go low to reset FAULTB. 14. Neither the FAULTB bits nor the FAULTB pins are active when the ISL6112 power paths are controlled by the System Management Interface. When using SMI power path control, the AUXENB and ONB pins for that slot must be tied to GND. 15. If FORCE_ONB is asserted (low), the FAULTB pin will be unconditionally forced to its open-drain state. Note, though, that the value in the FAULTB register bit is not affected by FORCE_ONB, but will instead continue to read as a high if no faults are present on Slot B, and as a low if any fault conditions exist which would disable Slot B if FORCE_ONB was not asserted.
22
FN6456.0 September 28, 2007
ISL6112
Common Status Register (CS) 8-Bits, Read/Write
TABLE 9. COMMON STATUS REGISTER (CS) D[7] read-write Reserved D[6] read-write Reserved D[5] read-only GPI_B0 D[4] read-only GPI_A0 D[3] read-write INTMSK D[2] read-write UV_INT D[1] read-write OT_INT D[0] read-only Reserved
BIT(s) D[7] D[6] GPI_B0 GPI_A0 INTMSK Reserved Reserved
FUNCTION Always read as zero Always read as zero State of GPI_B0 pin State of GPI_A0 pin
OPERATION
General Purpose Input 0, Slot B General Purpose Input 0, Slot A Interrupt Mask
0 = INT generation is enabled 1 = INT generation is disabled. The ISL6112 does not participate in the SMBus Alert Response Address (ARA) protocol 0 = No UVLO fault 1 = UVLO fault Set whenever a circuit isolation protection fault condition occurs as a result of an undervoltage lockout condition on one of the main supply inputs. This bit is only set if a UVLO condition occurs while the ON pin is asserted or the MAIN control bits are set 0 = Die Temp < +160C. 1 = Fault: Die Temp > +160C. Set if a fault occurs as a result of the ISL6112's die temperature exceeding +160C Undefined
UV_INT
undervoltage Interrupt
OT_INT
over-temperature Interrupt
D[0]
Reserved
Power-Up Default Value: 00000000b = 00h Command_Byte Value (R/W): 00000110b = 06h To reset the OT_INT and UV_INT fault bits, a logical 1 must be written back to these bits.
23
FN6456.0 September 28, 2007
ISL6112 PCI-Express Application Recommendations
For each of the 3.3VMAIN and +12VMAIN supplies, the CR level is set by an external sense resistor value depending on the maximum specified power for the various PCI-Express connector and application implemented (X1, 10W or 25W; X4, X8, 25W; X16, 25W or 75W; and X16 Graphics -ATX, 150W). The power rating is a combination of both main and the optional auxiliary supplies. This sense resistor is a low ohmic standard value current sense resistor (one for each slot) and the voltage across this resistor is compared to a 50mV reference. Since the 3.3VMAIN supply is rated for 3A max across all slots regardless of size and power, the use of a 15m sense resistor compared to the 50mV reference provides a nominal CR of 3.3A or 11% above the 3A max spec. On the 12VMAIN, for a 10W connector, a 75m sense resistor provides a nominal CR level of 0.66A, 32% above the 0.5A max spec; for a 25W connector, a 20m sense resistor provides a nominal CR level of 2.5A, 19% above the 2.1A max specification; for a 75W connector a 8m sense resistor provides a nominal CR level of 6.25A, 14% above the 5.5A max specification. The X16 Graphics-ATX 150W card is a special case in that, the 150W is provided by 2 slots, each providing up to a maximum of 75W from the 12VMAIN as this type of card does not consume 3.3VMAIN or AUX supply power. For each of the slots a 7m sense resistor provides a nominal CR level of 7.1A, 14% above the 6.25A max spec. The ISL6112 provides a best in class 5% current regulation threshold spec over temperature for the MAIN supples providing the highest accuracy and lowest variability for this critical parameter. Table 10 provides recommended 12VMAIN sense resistor values for particular power levels.
TABLE 10. NOMINAL CURRENT REGULATION LEVEL 12VMAIN RSENSE (m) 75 20 8 7 12VMAIN CR (A) 0.7 2.5 6.2 7 PCI-E ADD IN BOARD POWER LEVEL SUPPORTED (W) 10 25 75 150
Using the ISL6112EVAL1Z Platform
Description and Introduction
The primary ISL6112 evaluation platform is shown in Figure 34 photographically and schematically on page 28. This evaluation board highlights a PCB layout that confines all necessary active and passive components in an area measuring 12mmx55mm. This width is smaller than the specified PCI-Express socket to socket spacing, allowing for intimate co-location of the load power control and the load itself. Around the central highlighted layout are numerous labeled test points and configuration jumpers where there are node names such as AO(L/R). The pin name outside the parentheses relates to the ISL6112. The ISL6113 and ISL6114 also use this evaluation platform as all three parts have a common pinout for the common pin functions. The pin names in parentheses are for them. The specific evaluation board as ordered and received will reflect the part number in the area below the Intersil logo either by label or silk screened lettering. For those pins not common across the ISL6112 and ISL6113, ISL6114, there is a matrix detailing the differences in the bottom left corner. The ISL6112EVAL1Z is default provided in HPI mode with the clock shorted to ground. After correctly biasing the evaluation platform as noted through the 6 banana jacks, on VSTBY first then the other MAIN supplies, in any order. With the appropriate signaling to the AUXEN and ON inputs, the user should see turn-on waveforms as shown previously. The addition of external current loading is necessary to demonstrate the OC and WOC response performance. For demonstration of SMI operation the SCL and SDA inputs are in the top right quadrant of the evaluation board. The board's default address is configured as `000' via three jumpers located to the right labeled A0, A1, and A2. The HPI inputs need to be disabled as shown in Figure 1. Additional software to configure and control is needed. If necessary, there is a LabView based program available from the factory for demonstration of the ISL6112 functionality. User lab test hardware and instrument support is not available. Caution: The ISL6113EVAL1Z, ISL6114EVAL1Z get very hot to the touch after operating it for a few minutes. The hottest areas are marked on the evaluation board.
NOTE: CR Level = VTHILIMIT/RSENSE.
Providing a nominal CR protection level above the maximum specified limits of the card ensures that the card is able to draw its maximum specified loads, and, in addition has enough headroom before a regulated current limiter is invoked to protect against transients and other events. This headroom margin can be adjusted up or down by utilizing differing values of sense resistor.
24
FN6456.0 September 28, 2007
ISL6112 Typical Performance Curves
6.0 5.8 5.6 ICCSTBY (mA) 5.4 5.0 4.8 4.6 4.4 4.2 4.0 -60 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (C) 0 -50 0 HPI ICCSTBY ICC (mA) 5.2 SMI ICCSTBY 0.6 0.4 3.3V ICC 0.2 (HPI and SMI) 0.8 12V ICC (HPI and SMI) 1.0
50 TEMPERATURE (C)
100
150
FIGURE 20. ICCSTBY CURRENT vs TEMPERATURE
FIGURE 21. ICC CURRENT vs TEMERATURE
53 WOC THRESHOLD VOLTAGE (V) CURRENT LIMIT Vth (mV) 52 51 50 49 48 47 -60
104 103 102 101 100 99 98 97 96 -60 -40 -20 0 20 40 60 80 100 120
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 22. CURRENT LIMIT THRESHOLD VOLTAGE vs TEMPERATURE
FIGURE 23. FAST TRIP THRESHOLD VOLTAGE vs TEMPERATURE
1200 AUX CURRENT LIMIT (mA) AUX RESISTANCE (m) 1150 1100 1050 1000 950 900 850 800 -60 -40 -20 0 20 40 60 80 100 120
400 380 360 340 320 300 280 260 240 220 200 -60 -40 -20 0 20 40 60 80 100 120 IAUX = 375mA
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 24. AUX. CURRENT LIMIT vs TEMPERATURE
FIGURE 25. AUX rDS(ON) vs TEMPERATURE
25
FN6456.0 September 28, 2007
ISL6112 Typical Performance Curves (Continued)
AUX AND 3MAIN RISING UVLO (V) 9.30 12MAIN UVLO RISING (V) 9.25 9.20 9.15 9.10 9.05 -60 3.1 2.9 2.7 2.5 2.3 2.1 1.9 1.7 1.5 -60 -40 -20 0 20 40 60 80 100 120 3MAIN AUX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 26. 12MAIN RISING UVLO THRESHOLD VOLTAGE vs TEMPERATURE
FIGURE 27. AUX AND 3.3MAIN RISING UVLO THRESHOLD VOLTAGE vs TEMPERATURE
10.54 10.52 12MAIN UV Vth (V) 10.50 10.48 10.46 10.44 10.42 10.40 10.38 -60 -40 -20 0 20 40 60 80 100 120 AUX AND 3MAIN UV Vth (V)
2.80 2.79 2.78 2.77 2.76 2.75 2.74 2.73 2.72 2.71 2.70 -60 -40 -20 0 20 40 60 80 100 120 AUX 3MAIN
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 28. 12MAIN POWER GOOD THRESHOLD VOLTAGE vs TEMPERATURE
FIGURE 29. AUX AND 3MAIN POWER GOOD THRESHOLD VOLTAGE vs TEMPERATURE
TURN ON CURRENT (A)
25.0 3VGATE 24.5 24.0 23.5 12VGATE 23.0 22.5 22.0 -60 -40 -20 0 20 40 60 80 100 120
GATE FAULT OFF CURRENT (mA)
25.5
120 100 3GATE 80 60 40 20 0 12GATE
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 30. ISL6112 GATE TURN-ON CURRENT (ABS) vs TEMPERATURE
FIGURE 31. GATE FAULT OFF CURRENT (ABS) vs TEMPERATURE
26
FN6456.0 September 28, 2007
ISL6112 Typical Performance Curves (Continued)
3.0 2.9 FILTER THRESHOLD (V) -40 -20 0 20 40 60 80 100 120 FILTER CURRENT (A) 2.8 2.7 2.6 2.5 2.4 2.3 2.2 2.1 2.0 -60 1.28 1.26 1.24 1.22 1.20 -60 1.30
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (C)
TEMPERATURE (C)
FIGURE 32. FILTER CHARGE CURRENT vs TEMPERATURE
FIGURE 33. FILTER THRESHOLD VOLTAGE vs TEMPERATURE
27
FN6456.0 September 28, 2007
ISL6112
CAUTION HOT
SDA GND SCL
CAUTION HOT
FIGURE 34. ISL6112EVAL1Z BOARD PHOTO
TABLE 11. ISL6112EVAL1Z BOARD COMPONENTS LISTING COMPONENT DESIGNATOR U1 Q1, Q4 Q2, Q3 R1, R3, R6, R8 R9, R10, R17, R20 R11, R12, R13, 14, R15, R16, R18, 19, R21 R2, R4, R5, R7 C1, C7, C8, C13 C3, C5, C6, C10, C11, C14 C2, C12 C4, C9 R24, R25 C17, C18 R22, R26, R28, 29 R23, R27 C15, C16, C19, C20 ISL6112 Voltage Rail Switches Voltage Rail Switches Current Sense Resistor Pull up resistors on FORCEON and GPI Inputs I/O Pull up resistors FET gate series resistance FET gate capacitance MAIN and VSTBY decoupling capacitance P-FET gate to drain capacitance CFILTER capacitance (5ms) AUX Load Resistance AUX Load Capacitance 12MAIN Load Resistance 3MAIN Load Resistance 12MAIN and 3MAIN Load Capacitance COMPONENT FUNCTION COMPONENT DESCRIPTION PCI- Express Dual Slot Hot Plug Controller SI4405DY or equivalent, P-Channel MOSFET SI4820DY or equivalent, N-Channel MOSFET 0.020 1%, 2512 100k, 0201 10k, 0201 15, 0201 22nF 10%, 16V, 0402 1F 10%, 6.3V, 0402 6.8nF 10%, 6.3V, 0201 0.01F 10%, 6.3V, 0201 10 20%, 3W 100F 20%, 25V, Radial Electrolytic 20 20%, 10W 2 20%, 10W 470F 20%, 16V, Radial Electrolytic
28
CAUTION HOT
SMI ADDRESS
FN6456.0 September 28, 2007
ISL6112
29
FN6456.0 September 28, 2007
ISL6112
Package Outline Drawing
L48.7x7
48 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE Rev 4, 10/06
4X 5.5 7.00 A B 6 PIN 1 INDEX AREA 37 36 44X 0.50 48 1 6 PIN #1 INDEX AREA
7.00
4. 30 0 . 15
25 (4X) 0.15 24 TOP VIEW 48X 0 . 40 0 . 1 13
12
0.10 M C A B 4 0.23 +0.07 / -0.05
BOTTOM VIEW
SEE DETAIL "X" 0.10 C BASE PLANE C
( 6 . 80 TYP ) ( 4 . 30 )
0 . 90 0 . 1
SIDE VIEW ( 44X 0 . 5 )
SEATING PLANE 0.08 C
C ( 48X 0 . 23 ) ( 48X 0 . 60 ) TYPICAL RECOMMENDED LAND PATTERN
0 . 2 REF
5
0 . 00 MIN. 0 . 05 MAX. DETAIL "X"
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal 0.05 4. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 indentifier may be either a mold or mark feature.
30
FN6456.0 September 28, 2007
ISL6112 Thin Plastic Quad Flatpack Packages (TQFP)
D D1 -D-
Q48.7x7 (JEDEC MS-026ABC ISSUE B) 48 LEAD THIN PLASTIC QUAD FLATPACK PACKAGE
INCHES SYMBOL A A1 A2
-B-
MILLIMETERS MIN 0.05 0.95 0.17 0.17 8.90 6.90 8.90 6.90 0.45 48 0.50 BSC MAX 1.20 0.15 1.05 0.27 0.23 9.10 7.10 9.10 7.10 0.75 NOTES 6 3 4, 5 3 4, 5 7 Rev. 1 9/98
MIN 0.002 0.038 0.007 0.007 0.350 0.272 0.350 0.272 0.018 48
MAX 0.047 0.005 0.041 0.010 0.009 0.358 0.280 0.358 0.280 0.029
-AE E1
b b1 D D1 E E1 L N e
e
PIN 1 SEATING A PLANE 0.08 0.003 -C0.08 0.003 M 11o-13o 0.020 0.008 MIN 0o MIN GAGE PLANE L 0o-7o 0.25 0.010 11o-13o A2 A1 0.09/0.16 0.004/0.006 BASE METAL WITH PLATING
0.020 BSC
-H-
NOTES: 1. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. 2. All dimensions and tolerances per ANSI Y14.5M-1982. 3. Dimensions D and E to be determined at seating plane -C- . 4. Dimensions D1 and E1 to be determined at datum plane -H- . 5. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25mm (0.010 inch) per side. 6. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall not cause the lead width to exceed the maximum b dimension by more than 0.08mm (0.003 inch). 7. "N" is the number of terminal positions.
C A-B S
DS b b1
0.09/0.20 0.004/0.008
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 31
FN6456.0 September 28, 2007


▲Up To Search▲   

 
Price & Availability of ISL6112INZA-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X